Part Number Hot Search : 
ST205001 TR3C107 BAT42W INTER FCX1151A 17400 AZ23C7V5 MP61006
Product Description
Full Text Search
 

To Download B37981-F1102-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  66 siemens matsushita components features l high volumetric efficiency l non-linear capacitance change l high insulation resistance l high pulse strength applications l blocking l coupling l decoupling l interference suppression terminals l parallel wire leads iron-nickel, tinned l crimped leads l non-standard lead lengths on request marking l rated capacitance, tolerance, manu- facturers logo, ceramic material, voltage packing standard packing in bold print maximum ratings l climatic category in accordance with iec 68-1: 55/125/56 available capacitance tolerances standard tolerance in bold print rated voltage values v r = 50 v, 100 v dimensions (mm) lead spacing = 2,5 + 0,6 C 0,1 mm lead spacing = 5,0 + 0,6 C 0,1 mm optionally last 2 digits of ordering code tape & reel ammo pack bulk -51 -54 -00 tolerance symbol d c r / c r = 10 % d c r / c r = 20 % k m h max b max s max 5,5 5,0 2,5 6,5 5,0 2,5 type b37981-m b37987-m h max b max s max 5,5 5,0 2,5 6,5 5,0 2,5 9,0 7,5 2,5 type b37981-f b37987-f b37984-m multilayer leaded capacitors, eia standard x7r/b characteristic
siemens matsushita components 67 product range x7r/b characteristic lead spacing 2,5 mm 5,0 mm h b s (mm) 5,5 5,0 2,5 6,5 5,0 2,5 5,5 5,0 2,5 6,5 5,0 2,5 9,0 7,5 2,5 type b37981-m b37987-m b37981-f b37987-f b37984-m v r (vdc) 50 100 50 100 50 100 50 100 50 470 pf 560 pf 680 pf 820 pf 1,0 nf 1,2 nf 1,5 nf 1,8 nf 2,2 nf 2,7 nf 3,3 nf 3,9 nf 4,7 nf 5,6 nf 6,8 nf 8,2 nf 10 nf 12 nf 15 nf 18 nf 22 nf
68 siemens matsushita components product range x7r/b characteristic lead spacing 2,5 mm 5,0 mm h b s (mm) 5,5 5,0 2,5 6,5 5,0 2,5 5,5 5,0 2,5 6,5 5,0 2,5 9,0 7,5 2,5 type b37981-m b37987-m b37981-f b37987-f b37984-m v r (vdc) 50 100 50 100 50 100 50 100 50 27 nf 33 nf 39 nf 47 nf 56 nf 68 nf 82 nf 100 nf 120 nf 150 nf 180 nf 220 nf 270 nf 330 nf 390 nf 470 nf 560 nf 680 nf 820 nf 1,0 m f
siemens matsushita components 69 ordering codes for x7r/b characteristic, 50 vdc lead spacing 2,5 mm 5,0 mm h b s (mm) 5,5 5,0 2,5 6,5 5,0 2,5 5,5 5,0 2,5 6,5 5,0 2,5 9,0 7,5 2,5 c r ordering code 1) b37981- b37987- b37981- b37987- b37984- 3,3 nf 3,9 nf 4,7 nf 5,6 nf 6,8 nf 8,2 nf 10 ,0 nf 12 ,0 nf 15 ,0 nf 18 ,0 nf 22 ,0 nf 27 ,0 nf 33 ,0 nf 39 ,0 nf 47 ,0 nf 56 ,0 nf 68 ,0 nf 82 ,0 nf 100 ,0 nf 120 ,0 nf 150 ,0 nf 180 ,0 nf 220 ,0 nf 270 ,0 nf 330 ,0 nf 390 ,0 nf 470 ,0 nf 560 ,0 nf 680 ,0 nf 820 ,0 nf 1,0 m f -m5332-m54 -m5392-m54 -m5472-m54 -m5562-m54 -m5682-m54 -m5822-m54 -m5103-m54 -m5123-m54 -m5153-m54 -m5183-m54 -m5223-m54 -m5273-m54 -m5333-m54 -m5393-m54 -m5473-m54 -m5563-m54 -m5683-m54 -m5823-m54 -m5104-m54 -m5124-m54 -m5154-m54 -m5184-m54 -m5224-m54 -f5332-m54 -f5392-m54 -f5472-m54 -f5562-m54 -f5682-m54 -f5822-m54 -f5103-m54 -f5123-m54 -f5153-m54 -f5183-m54 -f5223-m54 -f5273-m54 -f5333-m54 -f5393-m54 -f5473-m54 -f5563-m54 -f5683-m54 -f5823-m54 -f5104-m54 -f5124-m54 -f5154-m54 -f5184-m54 -f5224-m54 -m5274-m54 -m5334-m54 -m5394-m54 -m5474-m54 -m5564-m54 -m5684-m54 -m5824-m54 -m5105-m54 1) the tables contain the ordering codes for C standard capacitance tolerance: m = 20 %. example: b37981-m5332- m 54.other available capacitance tolerances: see p. 66 C standard packing: 54 = ammo pack. example: b37981-m5332-m 54. other packing modes: see page 66
70 siemens matsushita components ordering codes for x7r/bcharacteristic, 100 vdc lead spacing 2,5 mm 5,0 mm h b s (mm) 5,5 5,0 2,5 6,5 5,0 2,5 5,5 5,0 2,5 6,5 5,0 2,5 c r ordering code 1) b37981- b37987- b37981- b37987- 470 ,0 pf 560 ,0 pf 680 ,0 pf 820 ,0 pf 1,0 nf 1,2 nf 1,5 nf 1,8 nf 2,2 nf 2,7 nf 3,3 nf 3,9 nf 4,7 nf 5,6 nf 6,8 nf 8,2 nf 10 ,0 nf 12 ,0 nf 15 ,0 nf 18 ,0 nf 22 ,0 nf 27 ,0 nf 33 ,0 nf 39 ,0 nf 47 ,0 nf 56 ,0 nf 68 ,0 nf 82 ,0 nf -m1471-m54 -m1561-m54 -m1681-m54 -m1821-m54 -m1102-m54 -m1122-m54 -m1152-m54 -m1182-m54 -m1222-m54 -m1272-m54 -m1332-m54 -m1392-m54 -m1472-m54 -m1562-m54 -m1682-m54 -m1822-m54 -m1103-m54 -m1123-m54 -m1153-m54 -m1183-m54 -m1223-m54 -m1273-m54 -m1333-m54 -m1393-m54 -m1473-m54 -m1563-m54 -m1683-m54 -m1823-m54 -f1471-m54 -f1561-m54 -f1681-m54 -f1821-m54 -f1102-m54 -f1122-m54 -f1152-m54 -f1182-m54 -f1222-m54 -f1272-m54 -f1332-m54 -f1392-m54 -f1472-m54 -f1562-m54 -f1682-m54 -f1822-m54 -f1103-m54 -f1123-m54 -f1153-m54 -f1183-m54 -f1223-m54 -f1273-m54 -f1333-m54 -f1393-m54 -f1473-m54 -f1563-m54 -f1683-m54 -f1823-m54 1) the tables contain the ordering codes for C standard capacitance tolerance: m = 20 %. example: b37981-m1471- m 54. other available capacitance tolerances: see page 66 C standard packing: 54 = ammo pack. example: b37981-m1471-m 54. other packing modes: see page 66
siemens matsushita components 71 ordering codes for x7r/b characteristic, 100 vdc (contd) lead spacing 2,5 mm 5,0 mm h b s (mm) 5,5 5,0 2,5 6,5 5,0 2,5 5,5 5,0 2,5 6,5 5,0 2,5 c r ordering code 1) b37981- b37987- b37981- b37987- 100 nf 120 nf 150 nf -m1104-m54 -m1124-m54 -m1154-m54 -f1104-m54 -f1124-m54 -f1154-m54 1) the tables contain the ordering codes for C standard capacitance tolerance: m = 20 %. example: b37987-m1104- m 54. other available capacitance tolerances: see page 66 C standard packing: 54 = ammo pack. example: b37987-m1104-m 54. other packing modes: see page 66


▲Up To Search▲   

 
Price & Availability of B37981-F1102-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X